Part Number Hot Search : 
OP27504 RT9238 ISL6388 BDR2G 03953 AOD4110 30500 MP87C
Product Description
Full Text Search
 

To Download VQ1001J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VQ1001J/P
Vishay Siliconix
Quad N-Channel 30-V (D-S) MOSFETs
PRODUCT SUMMARY
Part Number
VQ1001J VQ1001P
V(BR)DSS Min (V)
30
rDS(on) Max (W)
1 @ VGS = 12 V 1 @ VGS = 12 V
VGS(th) (V)
0.8 to 2.5 0.8 to 2.5
ID (A)
0.83 0.53
FEATURES
D D D D D Low On-Resistance: 0.85 W Low Threshold: 1.4 V Low Input Capacitance: 38 pF Fast Switching Speed: 9 ns Low Input and Output Leakage
BENEFITS
D D D D D Low Offset Voltage Low-Voltage Operation Easily Driven Without Buffer High-Speed Circuits Low Error Voltage
APPLICATIONS
D Direct Logic-Level Interface: TTL/CMOS D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Battery Operated Systems D Solid-State Relays
Dual-In-Line
D1 N S1 G1 NC G2 N S2 D2 1 2 3 4 5 6 7 14 13 12 11 10 9 8 D4 S4 G4 NC G3 S3 D3 N "S" = Siliconix Logo f = Factory Code ll = Lot Traceability xxyy = Date Code VQ1001P "S" fllxxyy N Device Marking Top View VQ1001J "S" fllxxyy
Top View Plastic: VQ1001J Sidebraze: VQ1001P
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage VQ1001J VQ1001P Continuous Drain Current (TJ = 150_C) _ Pulsed Drain Currenta Power Dissipation (Single) Thermal Resistance, Junction-to-Ambient (Single) Operating Junction and Storage Temperature Range Notes a. Pulse width limited by maximum junction temperature. Document Number: 70219 S-04279--Rev. D, 16-Jul-01 www.vishay.com TA= 25_C TA= 100_C TA= 25_C TA= 100_C ID IDM PD RthJA TJ, Tstg
Symbol
VDS VGS
Single
30 "30 "20 0.83 0.53 3 1.3 0.52 96
Total Quad
Unit
V
A
2 0.8 62.5 -55 to 150 W _C/W _C
11-1
VQ1001J/P
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 10 mA VDS = VGS, ID = 1 mA VDS = 0 V, VGS = "16 V TJ = 125_C VDS = 30 V, VGS = 0 V Zero Gate Voltage Drain Current On-State Drain Currentb IDSS ID(on) VDS = 24 V, VGS = 0 V, TJ = 125_C VDS = 10 V, VGS = 12 V VGS = 5 V, ID = 0.2 A Drain-Source On-Resistanceb rDS(on) VGS = 12 V, ID = 1 A TJ = 125_C Forward Transconductanceb gfs VDS = 10 V, ID = 0.5 A 200 2 3.5 1.2 0.8 1.5 500 1.75 1 2 mS W 30 0.8 45 1.5 2.5 "100 "500 10 500 mA m A nA V
Symbol
Test Conditions
Min
Typa
Max
Unit
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = 15 V, VGS = 0 V, f = 1 MHz 38 33 8 110 110 35 pF
Switchingc
Turn-On Time Turn-Off Time tON tOFF VDD = 15 V, RL = 23 W, ID ^ 0.6 A VGEN = 10 V, RG = 25 W 9 14 30 ns 30 VNDQ03
Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%. c. Switching time is essentially independent of operating temperature.
www.vishay.com
11-2
Document Number: 70219 S-04279--Rev. D, 16-Jul-01
VQ1001J/P
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Ohmic Region Characteristics
2.0 VGS = 10 V 7V 6V
Output Characteristics for Low Gate Drive
200 VGS = 10 V 160 ID - Drain Current (mA) 2.7 V 120 2.5 V 80 2.3 V 40 2.9 V
1.6 ID - Drain Current (A)
1.2
5V
0.8
4V
0.4
3V 2V
2.1 V 1.7 V
0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V)
0 0 0.4 0.8 1.2 1.6 2.0 VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
500 3 rDS(on) - On-Resistance ( )
On-Resistance vs. Gate-to-Source Voltage
400 ID - Drain Current (mA)
VDS = 15 V
ID = 0.2 A
0.5 A 2
300
200
1
1.0 A
100
TJ = 125_C 25_C -55_C
0 0 1 2 3 4 5 VGS - Gate-Source Voltage (V)
0 0 4 8 12 16 20 VGS - Gate-Source Voltage (V)
On-Resistance vs. Drain Current
2.5 rDS(on) - Drain-Source On-Resistance ( ) rDS(on) - Drain-Source On-Resistance ( ) (Normalized) 2.25 2.00 1.75
Normalized On-Resistance vs. Junction Temperature
2.0 VGS = 4.5 V 1.5 6V
VGS = 10 V ID = 0.5 A
1.50 0.1 A 1.25 1.00 0.75
10 V 1.0
0.5
0 0 0.5 1.0 1.5 2.0 2.5 3.0
0.50 -50 -10 30 70 110 150 ID - Drain Current (A) TJ - Junction Temperature (_C)
Document Number: 70219 S-04279--Rev. D, 16-Jul-01
www.vishay.com
11-3
VQ1001J/P
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Threshold Region
10 VDS = 10 V TJ = 150_C ID - Drain Current (mA) 1 100_C 25_C 0.1 C - Capacitance (pF) 100 VGS = 0 V f = 1 MHz 120
Capacitance
80
60
40
Ciss Coss
20 -55_C 0.01 0.6 0 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 10 20 30 40 50 VGS - Gate-to-Source Voltage (V) VDS - Drain-to-Source Voltage (V) Crss
Gate Charge
6 ID = 1 A VGS - Gate-to-Source Voltage (V) 5 t - Switching Time (ns) 100
Load Condition Effects on Switching
VDD = 25 V RG = 25 W VGS = 0 to 10 V
4
VDS = 15 V
3 24 V 2
10 td(on) tr
td(off)
tf
1
0 0 80 160 240 320 400 Qg - Total Gate Charge (pC)
1 0.1
1 ID - Drain Current (A)
10
Drive Resistance Effects on Switching
100 VDD = 25 V RL = 24 W VGS = 0 to 10 V ID = 1 A t - Switching Time (ns) 500
Transconductance
TJ = -55_C 25_C gfs - Forward Transconductance (S) 400 150_C 300
10 td(on) tf tr
td(off)
200 VDS = 7.5 V 300 ms, 1% Duty Cycle Pulse Test
100
1 10 50 RG - Gate Resistance ( W) 100
0 0 100 200 300 400 500
ID - Drain Current (mA)
www.vishay.com
11-4
Document Number: 70219 S-04279--Rev. D, 16-Jul-01


▲Up To Search▲   

 
Price & Availability of VQ1001J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X